PART |
Description |
Maker |
HCGHA1J473Y HCGHA2A223Y HCGHA2A3321 HCGHA1J6821 HC |
3.3V, 80MHz Dual 1:5 Output Clock Driver with Monitor Output, Industrial Temp. Operation SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS 螺丝端子型铝电解电容 From old datasheet system
|
List of Unclassifed Man... List of Unclassifed Manufac... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] N.A. Hitachi Semiconductor
|
LT1801CMS8PBF LT1801IS8PBF LT1801CS8TRPBF LT1801CD |
Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 2 CHANNEL, VIDEO AMPLIFIER, PDSO8 Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amps; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1801IMS8 LT1802CS LT1801CS8 LT1801CMS8 LT1801IS8 |
Dual/Quad 80MHz, 25V/レs Low Power Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology
|
ISL58292IN ISL5829EVAL1 ISL5829IN |
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter Dual 12-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 210MHz; 3.6V; 24mA; dual 12-bit, 3.3V, 130/210 MSPS, commLink high speed D/A converter. For quadrature transmit with IF range 0-80MHz, medical/test instrumentation and equipment, wireless communication systems, BWA infrastructure
|
http:// Intersil Corporation
|
LBT08024 |
80MHz SAW Filter 4.6MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN08016 |
80MHz SAW Filter 24MHz Bandwidth
|
SIPAT Co,Ltd
|
M65533FP |
3ch 8-bit 80MHz A/D Converters
|
Mitsubishi Electric Corporation
|
LBT0801508 |
80MHz SAW Filter 4MHz Bandwidth
|
SIPAT Co,Ltd
|
LT1800CS5TRMPBF |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
FRD4812 FRD515 FRD512 FRD FRD1212 FRD1215 FRD2412 |
2-OUTPUT 5 W DC-DC REG PWR SUPPLY MODULE DUAL OUTPUT/ 5 WATT DUAL OUTPUT, 5 WATT 双输出,5瓦特
|
POWER-ONE INC POWER-ONE[Power-One] Switchcraft, Inc.
|
LBN08028 |
80MHz Low-loss SAW Filter 10MHz Bandwidth
|
SIPAT Co,Ltd
|
MAX532 MAX532ACPE MAX532ACWE MAX532AEPE MAX532AEWE |
Dual, Serial Input, Voltage-Output, Multiplying, 12-Bit DAC Dual, Serial-Input, Voltage-Output, 12-Bit MDAC Dual, Serial-Input,
Voltage-Output, 12-Bit MDAC Dual / Serial-Input / Voltage-Output / 12-Bit MDAC Single Universal Serial Bus Port Transient Suppressor 6-SOT-23 -40 to 85
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|